| データシートサーチシステム |
|
74LS367 データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74LS367 データシート(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6429 May 1989 54LS367ADM54LS367ADM74LS367A Hex TRI-STATE Buffers General Description This device contains six independent gates each of which performs a non-inverting buffer function The outputs have the TRI-STATE feature When enabled the outputs exhibit the low impedance characteristics of a standard LS output with additional drive capability to permit the driving of bus lines without external resistors When disabled both the output transistors are turned off presenting a high-imped- ance state to the bus line Thus the output will act neither as a significant load nor as a driver To minimize the possibility that two outputs will attempt to take a common bus to oppo- site logic levels the disable time is shorter than the enable time of the outputs Features Y Alternate militaryaerospace device (54LS367A) is available Contact a National Semiconductor sales of- ficedistributor for specifications Connection Diagram Dual-In-Line Package TLF6429 – 1 Order Number 54LS367ADMQB 54LS367AFMQB 54LS367ALMQB DM54LS367AJ DM54LS367AW DM74LS367AM or DM74LS367AN See NS Package Number E20A J16A M16A N16E or W16A Function Table Y e A Inputs Output AG Y LL L HL H X H Hi-Z H e High Logic Level L e Low Logic Level X e Either Low or High Logic Level Hi-Z e TRI-STATE (Outputs are disabled) TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
同様の部品番号 - 74LS367 |
|
同様の説明 - 74LS367 |