データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L3-R33-10 データシート(PDF) 5 Page - Superworld Electronics

部品番号 L3-R33-10
部品情報  FERRITE CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUPERWORLD [Superworld Electronics]
ホームページ  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L3-R33-10 データシート(HTML) 5 Page - Superworld Electronics

  L3-R33-10 Datasheet HTML 1Page - Superworld Electronics L3-R33-10 Datasheet HTML 2Page - Superworld Electronics L3-R33-10 Datasheet HTML 3Page - Superworld Electronics L3-R33-10 Datasheet HTML 4Page - Superworld Electronics L3-R33-10 Datasheet HTML 5Page - Superworld Electronics L3-R33-10 Datasheet HTML 6Page - Superworld Electronics L3-R33-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 7
26.01.2015
FERRITE CHIP INDUCTORS
L3 SERIES
may cause the failure of mechanical or electrical performance. Solder shall be used not to be exceed as shown in Fig. 3.
Accordingly increasing the solder volume, the mechanical stress to product is also increased. Exceeding solder volume
Figure 3
ReC0mmendable
Upper limit
8-3. Solder Volume
Minimum fillet height = soldering thickness + 25% product height



Html Pages

1 2 3 4 5 6 7