データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP6830EK データシート(PDF) 14 Page - Sipex Corporation

部品番号 SP6830EK
部品情報  Low Power Voltage Inverters With Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIPEX [Sipex Corporation]
ホームページ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6830EK データシート(HTML) 14 Page - Sipex Corporation

Back Button SP6830EK Datasheet HTML 8Page - Sipex Corporation SP6830EK Datasheet HTML 9Page - Sipex Corporation SP6830EK Datasheet HTML 10Page - Sipex Corporation SP6830EK Datasheet HTML 11Page - Sipex Corporation SP6830EK Datasheet HTML 12Page - Sipex Corporation SP6830EK Datasheet HTML 13Page - Sipex Corporation SP6830EK Datasheet HTML 14Page - Sipex Corporation SP6830EK Datasheet HTML 15Page - Sipex Corporation SP6830EK Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Rev. 9-22-00
SP6830/6831 Low Power Voltage Inverters With Shutdown
© Copyright 2000 Sipex Corporation
Figure 23. SP6830/6831 Device Connected in a Doubler/Inverter Combination Circuit
OUT
SP6830
SP6831
C1
1
6
3
C2
C1+
C1-
GND
2
4
C4
C3
IN
D1
D2
+VIN
VOUT1 = (2 x VIN) - VFD1 - VFD2
VOUT2 = -VIN
VOUT1
VOUT2
where
VOUT1 = positive doubled output voltage,
VIN = input voltage,
VFD1 = forward bias voltage across D1,
VFD2 = forward bias voltage across D2, and
VOUT2 = inverted output voltage.
D1 = D2 = 1N4148
5
SHDN
Shutdown
Control
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16