データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02094 データシート(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02094
部品情報  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02094 データシート(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M02094 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Product Specification
02094-DSH-001-C
Mindspeed Technologies™
5
Mindspeed Proprietary and Confidential
CMD_MAX
Maximum monitor
photodiode capacitance for
APC loop stability. Includes
all associated parasitic
capacitances.
100
pF
TTL/CMOS input high
voltage (DIS)
2.0
5.5
V
TTL/CMOS input low voltage
(DIS)
0.8
V
CMOS input high voltage
(VCC3SEL)
2.4
V
CMOS input low voltage
(VCC3SEL)
1.2
V
Logic output high voltage
(FAIL)
With external 10k
Ω pull-up to V
CC.
VCC - 0.6
V
Logic output low voltage
(FAIL)
For 6.8k to 10k ohm resistor when pulled up
to 5V
For 4.7k to 10k ohm resistor when pulled up
to 3.3V
0.4
V
RIN
Differential input impedance
Data inputs
--
6800
VSELF
Self-biased common-mode
input voltage
--
VCC3 - 1.3
--
V
VINCM
Common-mode input
compliance voltage
Data inputs
VCC3-1.45
VCC3-[VIN(Diff)]/4
V
VIN(DIFF)
Differential input voltage
= 2 x (DIN+HIGH - DIN+LOW)
200
2400
mVpp
VCC3THL
(3)
3.3V supply detection, lower
threshold
2.5
2.8
2.95
V
VCC3THH
(3)
3.3V supply detection, upper
threshold
3.65
3.8
4.1
V
VCC5THL
5V supply detection, lower
threshold
3.9
4.25
4.65
V
VCC5THH
5V supply detection, upper
threshold
5.45
5.8
6.2
V
VREF1
Reference voltage for
MODSET
1.18
1.3
1.4
V
VAPCSET
Reference voltage for APCSET
1.35
V
VBL
Bias_OK lower voltage
threshold
0.88
1.0
1.05
V
Table 1-3.
DC Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com