| データシートサーチシステム |
|
SP705EN データシート(PDF) 14 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP705EN データシート(HTML) 14 Page - Sipex Corporation |
|
14 / 18 page ![]() SP705DS/09 SP705 Low Power Microprocessor Supervisory Circuits © Copyright 2000 Sipex Corporation 14 n o i t c n u F S P L / P L 2 3 2 1 S D s a l l a Dr e b m u N t r a P e v i t a n r e t l A x e p i S n i P r e b m u Nr e b m u N r e b m u N r e b m u Nr e b m u N r o P I Dr o P I D r o P I D r o P I Dr o P I D C I O SC I O S C I O S C I O SC I O S n i P n o i t p i r c s e Dn o i t p i r c s e D n o i t p i r c s e D n o i t p i r c s e Dn o i t p i r c s e D t r a P x e p i S r e b m u Nr e b m u N r e b m u N r e b m u Nr e b m u N r e b m u N n i P n o i t p i r c s e D n i P r o P I D C I O SC I O S C I O S C I O SC I O S C I O S µ t e s e R l a u n a M1 T S R B P / 8 0 7 - 5 0 7 P S M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 13 R M t e S y a l e D e m i T I D W2 D T / 8 0 7 - 5 0 7 P S M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 A / NA / Nn g i s e d y b c e s 6 . 1 V C C V 6 . 4 p i r T3 D N G = L O T / 7 0 7 / 5 0 7 P S L 3 1 8L 3 1 8 L 3 1 8 L 3 1 8L 3 1 8 A / NA / Nn g i s e d y b V 6 . 4 V C C V 4 . 4 p i r T3 V = L O T C C / 8 0 7 / 6 0 7 P S M 3 1 8M 3 1 8 M 3 1 8 M 3 1 8M 3 1 8 A / NA / Nn g i s e d y b V 4 . 4 d n u o r G4 D N G / 8 0 7 - 5 0 7 P S M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 35 D N G H G I H e v i t c A t e s e R5 T S R 8 0 7 / 7 0 7 P S 82 T E S E R H G I H e v i t c A t e s e R5 T S R M 3 1 8 / L 3 1 8 P S 71 T E S E R W O L e v i t c A t e s e R6 T S R 8 0 7 - 5 0 7 P S 71 T E S E R t u p n I g o d h c t a W7 ) L o t H ( T S / 6 0 7 / 5 0 7 P S M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 68 ) . s n a r t y n a ( I D W t u p n I e g a t l o V8 V C C / 8 0 7 - 5 0 7 P S M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 24 V C C t u p n I li a F r e w o PA / NA / N / 8 0 7 - 5 0 7 P S M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 46 I F P t u p t u O li a F r e w o PA / NA / N / 8 0 7 - 5 0 7 P S M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 57 O F P t u p t u O g o d h c t a WA / NA / N / 6 0 7 / 5 0 7 P S M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8 M 3 1 8 / L 3 1 8M 3 1 8 / L 3 1 8 82 O D W Table 2. Device Overview on Dallas Semiconductor |