| データシートサーチシステム |
|
SP802RCN データシート(PDF) 3 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP802RCN データシート(HTML) 3 Page - Sipex Corporation |
|
3 / 20 page ![]() 3 SP690T/S/R DS/10 SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory © Copyright 2000 Sipex Corporation S R E T E M A R A P. N I M. P Y T. X A MS T I N US N O I T I D N O C V , d l o h s e r h T t e s e R T S R 8 E T O N 0 0 . 3 0 0 . 3 5 8 . 2 5 8 . 2 5 5 . 2 5 5 . 2 5 7 0 . 3 5 8 0 . 3 5 2 9 . 2 5 3 9 . 2 5 2 6 . 2 5 3 6 . 2 5 1 . 3 7 1 . 3 0 0 . 3 2 0 . 3 0 7 . 2 2 7 . 2 V V , T 5 0 8 / T 0 9 6 P S C C g n il l a f V , T 5 0 8 / T 0 9 6 P S C C g n i s i r V , S 5 0 8 / S 0 9 6 P S C C g n il l a f V , S 5 0 8 / S 0 9 6 P S C C g n i s i r V , R 5 0 8 / R 0 9 6 P S C C g n il l a f V , R 5 0 8 / R 0 9 6 P S C C g n i s i r 0 0 . 3 0 0 . 3 8 8 . 2 8 8 . 2 9 5 . 2 9 5 . 2 5 7 0 . 3 5 8 0 . 3 5 2 9 . 2 5 3 9 . 2 5 2 6 . 2 5 3 6 . 2 2 1 . 3 4 1 . 3 0 0 . 3 2 0 . 3 0 7 . 2 2 7 . 2 V V , T 4 0 8 / T 2 0 8 P S C C g n il l a f V , T 4 0 8 / T 2 0 8 P S C C g n i s i r V , S 4 0 8 / S 2 0 8 P S C C g n il l a f V , S 4 0 8 / S 2 0 8 P S C C g n i s i r V , R 4 0 8 / R 2 0 8 P S C C g n il l a f V , R 4 0 8 / R 2 0 8 P S C C g n i s i r t e s e Rt , d o i r e P t u o e m i T P W 0 4 10 0 20 8 2s m V , e g a t l o V t u p t u O O F P , T E S E R H O V C C 3 . 0 -V C C 5 1 . 0 -V I E C R U O S A µ 0 3 = V , e g a t l o V t u p t u O O F P , T E S E R L O 6 0 . 00 3 . 0V I K N I S e r e h w _ 2 0 8 / _ 0 9 6 P S , A m 2 . 1 = V C C V = T S R m u m i n i m V , e g a t l o V t u p t u O O F P , T E S E R L O 3 1 . 00 3 . 0V V Y R E T T A B V , V 0 = C C I , V 0 . 1 = K N I S A µ 0 4 = V , e g a t l o V t u p t u O T E S E R L O 6 0 . 00 3 . 0V I K N I S e r e h w _ 5 0 8 / _ 4 0 8 P S , A m 2 . 1 = V C C V = T S R m u m i x a m , t n e r r u C e g a k a e L t u p t u O T E S E R 1 1 E T O N 1 -1 - µA V Y R E T T A B V , V 0 = C C V = T S R , m u m i n i m V T E S E R V r o V 0 = C C I , t n e r r u C D N G o t t r o h S t u p t u O S O , T E S E R d n a O F P 0 8 10 0 5 µA V C C V , V 3 . 3 = H O V 0 = t , t u o e m i T g o d h c t a W D W 2 1 . 10 6 . 14 2 . 2s V C C V 6 . 3 < h t d i W e s l u P I D W0 0 20 4s n d l o h s e r h T t u p n I I D W V H I V L I V x 3 . 0 C C V x 7 . 0 C C V t n e r r u C t u p n I I D W1 -1 0 . 01 µA V < V 0 C C V 5 . 5 < d l o h s e r h T t u p n I I F P0 0 2 . 1 5 2 2 . 1 5 2 . 1 5 2 . 1 0 0 3 . 1 5 7 2 . 1 V V , _ 5 0 8 / _ 0 9 6 P S C C < V , V 6 . 3 I F P g n il l a f V , _ 4 0 8 / _ 2 0 8 P S C C < V , V 6 . 3 I F P g n il l a f t n e r r u C t u p n I I F P5 2 -1 0 . 05 2A n V , s i s e r e t s y H I F P H F P 0 10 2V mV , g n i s i r I F P C C < V 6 . 3 SPECIFICATIONS (continued) V CC = 3.17V to 5.50V for the SP690T/SP80_T, VCC = 3.02V to 5.50V for the SP690S/SP80_S, VCC = 2.72V to 5.50V for the SP690R/SP80_R, VBATT = 3.60V, and T A = TMIN to TMAX unless otherwise noted. Typical values taken at TAMB = +25 OC. |