データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAAL-011119 データシート(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

部品番号 MAAL-011119
部品情報  Satellite TV Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011119 データシート(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAL-011119 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-011119 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-011119 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-011119 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-011119 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-011119 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011119 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-011119 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Satellite TV Amplifier
900 - 2200 MHz
Rev. V2
MAAL-011119
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 1.5 dB Noise Figure
 32 dBm Output IP3
 Single +2.5 V Bias
 Lead-Free SC70 6-Lead (SOT-363) Package
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAL-011119 is a broadband gain block GaAs
MMIC amplifier assembled in a lead-free SC70-6LD
(SOT-363) surface mount plastic package. The
topology is a monolithic single stage self-biased
design featuring a convenient 50 Ω input/output
impedance that minimizes the number of external
components.
The MAAL-01119 is fabricated on MACOM’s pHEMT
process to help realize the complementary high IP3
and low noise figure. This process features full
passivation for performance and reliability.
Ordering Information1,2
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
Functional Schematic
Pin Configuration3
Part Number
Package
MAAL-011119-TR3000
3000 piece reel
MAAL-011119-001SMB
Sample Board
Pin No.
Function
Description
1
GND
Ground
2
GND
Ground
3
RFIN
RF Input
4
N/C
No Connection
5
GND
Ground
64
RFOUT/VDD
RF Output / Drain Voltage
3. MACOM recommends connecting unused package pins to
ground.
4. MACOM recommends connecting a series inductor and shunt
capacitor to pin 6; reference schematic on page 3.
RFOUT /
VDD
GND
Pin 1
Paddle
2
3
5
4
6
GND
N/C
GND
RFIN


同様の部品番号 - MAAL-011119

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
MAAL-011111 MA-COM-MAAL-011111 Datasheet
645Kb / 7P
Low Noise Amplifier
MAAL-011111-000SMB MA-COM-MAAL-011111-000SMB Datasheet
645Kb / 7P
Low Noise Amplifier
MAAL-011111-TR0500 MA-COM-MAAL-011111-TR0500 Datasheet
645Kb / 7P
Low Noise Amplifier
MAAL-011111-TR1000 MA-COM-MAAL-011111-TR1000 Datasheet
645Kb / 7P
Low Noise Amplifier
More results

同様の説明 - MAAL-011119

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8011T PHILIPS-TDA8011T Datasheet
80Kb / 12P
IF amplifier for satellite TV receivers
February 1995
logo
STMicroelectronics
TEA2130 STMICROELECTRONICS-TEA2130 Datasheet
126Kb / 8P
TV AND SATELLITE DECODER SCANNING PROCESSOR
Sep-1993
logo
Toshiba Semiconductor
TD7626F TOSHIBA-TD7626F Datasheet
459Kb / 14P
2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
logo
Zarlink Semiconductor I...
SL1454 ZARLINK-SL1454 Datasheet
324Kb / 9P
WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
SL1451 ZARLINK-SL1451 Datasheet
70Kb / 5P
WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
logo
Toshiba Semiconductor
TD7626F TOSHIBA-TD7626F_01 Datasheet
220Kb / 14P
2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
logo
Silicon Laboratories
SI2166-B22 SILABS-SI2166-B22 Datasheet
161Kb / 2P
DVB-S/S2 Satellite TV Demodulator
logo
M/A-COM Technology Solu...
MAAL-009053 MA-COM-MAAL-009053 Datasheet
939Kb / 9P
Satellite TV Amplifier
logo
Silicon Laboratories
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
DVB-S/S2 Satellite TV Demodulator
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
DVB-S/S2 Satellite TV Demodulator
November 17, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com