データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDBUR0140R-HF データシート(PDF) 2 Page - Comchip Technology

部品番号 CDBUR0140R-HF
部品情報  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBUR0140R-HF データシート(HTML) 2 Page - Comchip Technology

  CDBUR0140R-HF Datasheet HTML 1Page - Comchip Technology CDBUR0140R-HF Datasheet HTML 2Page - Comchip Technology CDBUR0140R-HF Datasheet HTML 3Page - Comchip Technology CDBUR0140R-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Reverse voltage (V)
RATING AND CHARACTERISTIC CURVES (CDBUR0140R-HF)
SMD Schottky Barrier Diode
Page 2
Reverse voltage (V)
Fig. 2 - Reverse characteristics
0
15
10
30
20
1
10
100
0
20
40
60
80
100
0
25
50
75
100
125
O
Ambient temperature ( C)
Fig.4 - Current derating curve
Fig. 3 - Capacitance between
terminals characteristics
REV:A
5
35
25
40
1u
1n
10u
1m
100n
10n
0
10
20
30
40
100u
O
-25 C
O
25 C
O
75 C
O
125 C
Comchip Technology CO., LTD.
QW-G1023
0.2
0.4
0
1
100
0.6
0.1
1.0
Forward voltage (V)
Fig. 1 - Forward characteristics
1000
0.8
10



Html Pages

1 2 3 4