データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DMN2009LSS データシート(PDF) 2 Page - Diodes Incorporated

部品番号 DMN2009LSS
部品情報  SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2009LSS データシート(HTML) 2 Page - Diodes Incorporated

  DMN2009LSS_13 Datasheet HTML 1Page - Diodes Incorporated DMN2009LSS_13 Datasheet HTML 2Page - Diodes Incorporated DMN2009LSS_13 Datasheet HTML 3Page - Diodes Incorporated DMN2009LSS_13 Datasheet HTML 4Page - Diodes Incorporated DMN2009LSS_13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMN2009LSS
Document number: DS31409 Rev. 7 - 2
2 of 5
www.diodes.com
October 2013
© Diodes Incorporated
DMN2009LSS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
12
V
Drain Current (Note 5)
Steady State
TA = +25°C
TA = +70°C
ID
12
9.6
A
Pulsed Drain Current (Note 6)
IDM
42
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
2
W
Thermal Resistance, Junction to Ambient
RJA
62.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.5
1.2
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
8
9
12
mΩ
VGS = 10V, ID = 12A
VGS = 4.5V, ID = 10A
VGS = 2.5V, ID = 8A
Forward Transconductance
gfs
27
S
VDS = 5V, ID = 6.5A
Diode Forward Voltage
VSD
0.5
0.7
1.2
V
VGS = 0V, IS = 3A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
2555
pF
VDS = 10V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
523
pF
Reverse Transfer Capacitance
Crss
496
pF
Gate Resistance
RG

1.1

Ω
VGS = 0V VDS = 0V, f = 1MHz
SWITCHING CHARACTERISTICS (Note 8)
Total Gate Charge
Qg

28.9
58.3

nC
VDS = 10V, VGS = 4.5V, ID = 12A
VDS = 10V, VGS = 10V, ID = 12A
Gate-Source Charge
Qgs

3.7

VDS = 10V, VGS = 10V, ID = 12A
Gate-Drain Charge
Qgd

11.4

VDS = 10V, VGS = 10V, ID = 12A
Notes:
5. Device mounted on 2 oz, FR-4 PCB, with RJA = 62.5°C/W
6. Pulse width
10μS, Duty Cycle 1%.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com