| データシートサーチシステム |
|
LS7566R データシート(PDF) 16 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7566R データシート(HTML) 16 Page - LSI Computer Systems |
|
16 / 18 page ![]() void Init_7566(int Addr); /********************************** Initialize 7566 Set x0A, x0B for Non-Quadrature Mode Free-running Mode A = clk, B = up / dn _______ Configure x0-INDX as the Reset Counter pin FLGa - Carry / Borrow / Compare FLGb disabled Enable counting FLGa - instantaneous Set x1A, x1B for x1-Quadrature Mode Free-running Mode ________ Configure x1- INDX as the load_OL pin _____ Set for Synchronous INDX input Input Filter Clock Division Factor = 1 FLGa - Carry / Borrow / Compare / Index FLGb disabled Enable Counting FLGa – latched Set x2A, x2B for x4-Quadrature Mode Modulo N Count Mode for N = 0x123456 _____ Disable INDX input Input Filter Clock Division Factor = 2 FLGa - Carry / Borrow / Compare FLGb disabled Enable Counting FLGa – latched Disable x3A, x3B counting ***********************************/ 7566R-081507-16 |