| データシートサーチシステム |
|
TLP3083F データシート(PDF) 9 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP3083F データシート(HTML) 9 Page - Toshiba Semiconductor |
|
9 / 19 page ![]() TLP3083,TLP3083F 9 14. 14. 14. 14. Land Pattern Dimensions (for reference only) Land Pattern Dimensions (for reference only) Land Pattern Dimensions (for reference only) Land Pattern Dimensions (for reference only) (Unit: mm) Fig. Fig. Fig. Fig. 14.1 14.1 14.1 14.1 TLP3083 TLP3083 TLP3083 TLP3083 Lead forming and taping option Lead forming and taping option Lead forming and taping option Lead forming and taping option (LF1), (TP1), (LF5), (TP5) Fig. Fig. Fig. Fig. 14.2 14.2 14.2 14.2 TLP3083F TLP3083F TLP3083F TLP3083F Lead forming and taping option Lead forming and taping option Lead forming and taping option Lead forming and taping option (LF4), (TP4) 15. 15. 15. 15. Marking (Note) Marking (Note) Marking (Note) Marking (Note) Fig. Fig. Fig. Fig. 15.1 15.1 15.1 15.1 TLP3083 TLP3083 TLP3083 TLP3083 Fig. Fig. Fig. Fig. 15.2 15.2 15.2 15.2 TLP3083F TLP3083F TLP3083F TLP3083F Note: A different marking is used for photocouplers that have been qualified according to option (D4) of EN60747. See Fig.16.3 and Fig.16.4. 2016-02-03 Rev.5.0 ©2016 Toshiba Corporation |