| データシートサーチシステム |
|
ADC0803LCN データシート(PDF) 11 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
ADC0803LCN データシート(HTML) 11 Page - National Semiconductor (TI) |
|
11 / 41 page ![]() Typical Applications (Continued) Self-Clocking in Free-Running Mode DS005671-65 *After power-up, a momentary grounding of the WR input is needed to guarantee operation. µP Interface for Free-Running A/D DS005671-66 Operating with “Automotive” Ratiometric Transducers DS005671-67 *VIN(−)=0.15 VCC 15% of VCC≤VXDR≤85% of VCC Ratiometric with V REF/2 Forced DS005671-68 µP Compatible Differential-Input Comparator with Pre-Set V OS (with or without Hysteresis) DS005671-69 *See Figure 5 to select R value DB7=“1” for VIN(+)>VIN(−)+(VREF/2) Omit circuitry within the dotted area if hysteresis is not needed www.national.com 11 |