データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD7210F データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TPD7210F
部品情報  Power MOSFET Gate Driver for 3-Phase DC Motor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7210F データシート(HTML) 4 Page - Toshiba Semiconductor

  TPD7210F Datasheet HTML 1Page - Toshiba Semiconductor TPD7210F Datasheet HTML 2Page - Toshiba Semiconductor TPD7210F Datasheet HTML 3Page - Toshiba Semiconductor TPD7210F Datasheet HTML 4Page - Toshiba Semiconductor TPD7210F Datasheet HTML 5Page - Toshiba Semiconductor TPD7210F Datasheet HTML 6Page - Toshiba Semiconductor TPD7210F Datasheet HTML 7Page - Toshiba Semiconductor TPD7210F Datasheet HTML 8Page - Toshiba Semiconductor TPD7210F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TPD7210F
2008-05-12
4
Truth Table
(All outputs go to low for input in high-side/low-side arm shorting mode)
Input
Output
Mode
No.
IN1
(UU)
IN2
(VU)
IN3
(WU)
IN4
(UB)
IN5
(VB)
IN6
(WB)
OUT
UU
OUT
VU
OUT
WU
OUT
UB
OUT
VB
OUT
WB
Remarks
01
L
L
L
L
L
L
L
L
L
L
L
L
02
H
L
L
L
L
L
H
L
L
L
L
L
03
L
H
L
L
L
L
L
H
L
L
L
L
04
L
L
H
L
L
L
L
L
H
L
L
L
05
L
L
L
H
L
L
L
L
L
H
L
L
06
L
L
L
L
H
L
L
L
L
L
H
L
07
L
L
L
L
L
H
L
L
L
L
L
H
08
H
L
L
H
L
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
09
H
L
L
L
H
L
H
L
L
L
H
L
120° square wave conducting normal mode
10
H
L
L
L
L
H
H
L
L
L
L
H
120° square wave conducting normal mode
11
L
H
L
H
L
L
L
H
L
H
L
L
120° square wave conducting normal mode
12
L
H
L
L
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
13
L
H
L
L
L
H
L
H
L
L
L
H
120° square wave conducting normal mode
14
L
L
H
H
L
L
L
L
H
H
L
L
120° square wave conducting normal mode
15
L
L
H
L
H
L
L
L
H
L
H
L
120° square wave conducting normal mode
16
L
L
H
L
L
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
17
H
H
L
L
L
L
H
H
L
L
L
L
18
L
H
H
L
L
L
L
H
H
L
L
L
19
H
L
H
L
L
L
H
L
H
L
L
L
20
L
L
L
H
H
L
L
L
L
H
H
L
21
L
L
L
L
H
H
L
L
L
L
H
H
22
L
L
L
H
L
H
L
L
L
H
L
H
23
H
H
L
H
L
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
24
H
H
L
L
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
25
H
H
L
L
L
H
H
H
L
L
L
H
26
L
H
H
H
L
L
L
H
H
H
L
L
27
L
H
H
L
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
28
L
H
H
L
L
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
29
H
L
H
H
L
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
30
H
L
H
L
H
L
H
L
H
L
H
L
*:
High-side/low-side arm shorting mode is disabled by the internal logic. FAULT output goes high (open-drain,
high-impedance)
*:
By driving ENB pin low, all outputs can be turned off regardless of input signals. By driving ENB pin high, all
outputs are switching normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com