| データシートサーチシステム |
|
8A1 データシート(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd |
|
|
|||||||||||||||||||||||||||||
8A1 データシート(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd |
|
2 / 2 page ![]() RATINGS AND CHARACTERISTIC CURVES 8A05 THRU 8A10 10 20 100 AMBIENT TEMPERATURE / NUMBER OF CYCLES AT 60HZ 225 0 1.0 2.0 125 150 175 200 25 50 75 100 4 2 200 0 800 12 Single Phase Half Wave 60HZ 10 600 Resistive or Inductive Load 8 6 400 INSTANTANEOUS FORWARD VOLTAGE / VOLTS REVERSE VOLTAGE / VOLTS FIG. 3 -- FORWARD CURRENT DERATING CURVE FIG. 4 -- PEAK FORWARD SURGE CURRENT Tj = 125 8.3 ms Single Half Sing -Wave 1.0 10 100 1.2 1.4 1.6 1.8 0.4 0.6 0.8 1.0 4.0 Tj = 25 Pulse Width = 300 S 1.0 100 0.4 0.1 FIG. 1 -- TYPICAL FORWARD CHARACTERISTIC FIG. 2 -- TYPICAL JUNCTION CAPACITANCE 10 1000 Tj = 25 10.0 0.04 0 1.0 The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)! |