データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC0803 データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 ADC0803
部品情報  8-Bit uP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0803 データシート(HTML) 2 Page - National Semiconductor (TI)

  ADC0803 Datasheet HTML 1Page - National Semiconductor (TI) ADC0803 Datasheet HTML 2Page - National Semiconductor (TI) ADC0803 Datasheet HTML 3Page - National Semiconductor (TI) ADC0803 Datasheet HTML 4Page - National Semiconductor (TI) ADC0803 Datasheet HTML 5Page - National Semiconductor (TI) ADC0803 Datasheet HTML 6Page - National Semiconductor (TI) ADC0803 Datasheet HTML 7Page - National Semiconductor (TI) ADC0803 Datasheet HTML 8Page - National Semiconductor (TI) ADC0803 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Typical Applications
Error Specification (Includes Full-Scale,
Zero Error, and Non-Linearity)
Part
Full-
V
REF/2=2.500 VDC
V
REF/2=No Connection
Number
Scale
(No Adjustments)
(No Adjustments)
Adjusted
ADC0801
±1⁄4 LSB
ADC0802
±1⁄2 LSB
ADC0803
±1⁄2 LSB
ADC0804
±1 LSB
ADC0805
±1 LSB
DS005671-1
8080 Interface
DS005671-31
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41