データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC0803LCJ データシート(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 ADC0803LCJ
部品情報  8-Bit uP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0803LCJ データシート(HTML) 15 Page - National Semiconductor (TI)

Back Button ADC0803LCJ Datasheet HTML 11Page - National Semiconductor (TI) ADC0803LCJ Datasheet HTML 12Page - National Semiconductor (TI) ADC0803LCJ Datasheet HTML 13Page - National Semiconductor (TI) ADC0803LCJ Datasheet HTML 14Page - National Semiconductor (TI) ADC0803LCJ Datasheet HTML 15Page - National Semiconductor (TI) ADC0803LCJ Datasheet HTML 16Page - National Semiconductor (TI) ADC0803LCJ Datasheet HTML 17Page - National Semiconductor (TI) ADC0803LCJ Datasheet HTML 18Page - National Semiconductor (TI) ADC0803LCJ Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
Typical Applications (Continued)
3-Decade Logarithmic A/D Converter
DS005671-73
Noise Filtering the Analog Input
DS005671-74
fC=20 Hz
Uses Chebyshev implementation for steeper roll-off unity-gain, 2nd order,
low-pass filter
Adding a separate filter for each channel increases system response time
if an analog multiplexer is used
Multiplexing Differential Inputs
DS005671-75
Output Buffers with A/D Data Enabled
DS005671-76
*A/D output data is updated 1 CLK period prior to assertion of INTR
Increasing Bus Drive and/or Reducing Time on Bus
DS005671-77
*Allows output data to set-up at falling edge of CS
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41