データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC08231CIWM データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 ADC08231CIWM
部品情報  8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08231CIWM データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC08231CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 12Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 13Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Timing Diagrams (Continued)
ADC08231 Timing
TLH11015 – 13
LSB first output not available on ADC08231
LSB information is maintained for remainder of clock periods until CS goes high
To reset the ADC08231 CLK and CS must be simultaneusly high for a period of tSELECT or greater The ADC08231 also has one extra clock period for sampling
the analog signal (tca) Otherwise it is compatible with the ADC0831
ADC08234 Timing
TLH11015 – 14
To reset the ADC08234 CLK and CS must be simultaneously high for a period of tSELECT or greater The ADC08234 also has one extra clock period for sampling
the analog signal (tca) Otherwise it is compatible with the ADC0834
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24