| データシートサーチシステム |
|
DF1B-R26FA データシート(PDF) 8 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
DF1B-R26FA データシート(HTML) 8 Page - Hirose Electric |
|
8 / 17 page ![]() B160 s Double Row Straight Pin Header [Specific No.] –* *, (* *) Blank: Tin plated (01) : Gold plated sDouble Row Right Angle Pin Header [Specific No.] –* *, (* *) Blank: Tin plated (01) : Gold plated Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag. Note 2.The 4 and 6 contact connector contains the concave portion to prevent miss-insertion in the center area at one point, which is different from the above figure. Unit: mm Part Number CL No. DF1B-20DP-2.5DSA(**) DF1B-22DP-2.5DSA(**) DF1B-24DP-2.5DSA(**) DF1B-26DP-2.5DSA(**) DF1B-28DP-2.5DSA(**) DF1B-30DP-2.5DSA(**) DF1B-34DP-2.5DSA(**) DF1B-40DP-2.5DSA(**) 541-0621-4-** 541-0622-7-** 541-0623-0-** 541-0624-2-** 541-0625-5-** 541-0626-8-** 541-0628-3-** 541-0631-8-** 20 22 24 26 28 30 34 40 27.5 30 32.5 35 37.5 40 45 52.5 22.5 25 27.5 30 32.5 35 40 47.5 Number of Contacts A B Part Number CL No. DF1B- 4DP-2.5DSA(**) DF1B- 6DP-2.5DSA(**) DF1B- 8DP-2.5DSA(**) DF1B-10DP-2.5DSA(**) DF1B-12DP-2.5DSA(**) DF1B-14DP-2.5DSA(**) DF1B-16DP-2.5DSA(**) DF1B-18DP-2.5DSA(**) 541-0651-5-** 541-0652-8-** 541-0653-0-** 541-0616-4-** 541-0617-7-** 541-0618-0-** 541-0619-2-** 541-0620-1-** 4 6 8 10 12 14 16 18 7.5 10 12.5 15 17.5 20 22.5 25 2.5 5 7.5 10 12.5 15 17.5 20 Number of Contacts A B Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag. Note 2.The 4 and 6 contact connector contains the concave portion to prevent miss-insertion in the center area at one point, which is different from the above figure. Unit: mm Part Number CL No. DF1B-22DP-2.5DS(**) DF1B-24DP-2.5DS(**) DF1B-26DP-2.5DS(**) DF1B-28DP-2.5DS(**) DF1B-30DP-2.5DS(**) DF1B-34DP-2.5DS(**) DF1B-36DP-2.5DS(**) DF1B-40DP-2.5DS(**) 541-0638-7-** 541-0639-0-** 541-0640-9-** 541-0641-1-** 541-0642-4-** 541-0644-0-** 541-0645-2-** 541-0647-8-** 22 24 26 28 30 34 36 40 30 32.5 35 37.5 40 45 47.5 52.5 25 27.5 30 32.5 35 40 42.5 47.5 Number of Contacts A B Part Number CL No. DF1B- 4DP-2.5DS(**) DF1B- 6DP-2.5DS(**) DF1B- 8DP-2.5DS(**) DF1B-10DP-2.5DS(**) DF1B-12DP-2.5DS(**) DF1B-14DP-2.5DS(**) DF1B-16DP-2.5DS(**) DF1B-18DP-2.5DS(**) DF1B-20DP-2.5DS(**) 541-0654-3-** 541-0655-6-** 541-0656-9-** 541-0632-0-** 541-0633-3-** 541-0634-6-** 541-0635-9-** 541-0636-1-** 541-0637-4-** 4 6 8 10 12 14 16 18 20 7.5 10 12.5 15 17.5 20 22.5 25 27.5 2.5 5 7.5 10 12.5 15 17.5 20 22.5 Number of Contacts A B qBoard Through-hole Diameter:Ø1.1+0 +0.1 K Board Through-hole Diameter:Ø1.1+0+0.1 |