データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC1038CIWM データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 ADC1038CIWM
部品情報  10-Bit Serial I/O A/D Converter with Analog Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1038CIWM データシート(HTML) 2 Page - National Semiconductor (TI)

  ADC1038CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
6.5V
Voltage at Inputs and Outputs
−0.3V to V
CC + 0.3V
Input Current at Any Pin (Note 4)
±5mA
Package Input Current (Note 4)
±20 mA
Package Dissipation
at T
A = 25˚C (Note 5)
500 mW
ESD Susceptability (Note 6)
2000V
Soldering Information
SO Package (Note 7) :
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 2, 3)
Temperature Range
T
MIN ≤ TA ≤ TMAX
ADC1038CIWM
−40˚C
≤ T
A ≤ +85˚C
Supply Voltage (V
CC)
4.75 V
DC to 5.25 VDC
Reference Voltage
(V
REF = VREF
+ −V
REF
−)
2.0 V
DC to VCC + 0.05V
Electrical Characteristics
The following specifications apply for V
CC = +5.0V, VREF = +4.6V, fS = 700 kHz, and fC = 3 MHz unless otherwise specified.
Boldface limits apply for T
A = TJ = TMIN to TMAX ; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 8)
(Note 9)
(Limits)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Total Unadjusted
CIN, CIWM, CMJ
(Note 10)
±1
LSB (max)
Error
Differential Linearity
10
Bits (min)
R
REF
Reference Input Resistance
8
k
Ω
5
k
Ω (min)
11
k
Ω (max)
V
REF
Reference Voltage
(V
CC + 0.05)
V (max)
V
IN
Analog Input Voltage
(Note 11)
(V
CC + 0.05)
V (max)
(GND − 0.05)
V (min)
On Channel Leakage Current
On Channel = 5V
DC,
5.0
200
nA (max)
Off Channel = 0V
DC
500
nA (max)
(Note 12)
On Channel = 0V
DC,
5.0
−200
nA (max)
Off Channel = 5V
DC
−500
nA (max)
Off Channel Leakage Current
On Channel = 5V
DC,
5.0
−200
nA (max)
Off Channel = 0V
DC
−500
nA (max)
(Note 12)
On Channel = 0V
DC,
5.0
200
nA (max)
Off Channel = 5V
DC
500
nA (max)
Power Supply
Zero Error
4.75 V
DC ≤ VCC ≤ 5.25 VDC
±1/4
LSB (max)
Sensitivity
Full Scale Error
±1/4
LSB (max)
DIGITAL AND DC CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
CC = 5.25 VDC
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
CC = 4.75 VDC
0.8
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 5.0 VDC
0.005
2.5
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0VDC
−0.005
−2.5
µA (max)
V
OUT(1)
Logical “1” Output Voltage
V
CC = 4.75 VDC
I
OUT = −360 µA
2.4
V (min)
I
OUT = −10 µA
4.5
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
CC = 4.75 VDC
0.4
V (max)
I
OUT = 1.6 mA
I
OUT
TRI-STATE Output Current
V
OUT = 0V
−0.01
−3
µA (max)
V
OUT = 5V
0.01
3
µA (max)
I
SOURCE
Output Source Current
V
OUT = 0V
−14
−6.5
mA (min)
I
SINK
Output Sink Current
V
OUT = VCC
16
8.0
mA (min)
I
CC
Supply Current
CS = HIGH, V
REF Open
1.5
3
mA (max)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13