データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U.FL-R-SMT データシート(PDF) 4 Page - Hirose Electric

部品番号 U.FL-R-SMT
部品情報  Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HIROSE [Hirose Electric]
ホームページ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT データシート(HTML) 4 Page - Hirose Electric

  U.FL-R-SMT Datasheet HTML 1Page - Hirose Electric U.FL-R-SMT Datasheet HTML 2Page - Hirose Electric U.FL-R-SMT Datasheet HTML 3Page - Hirose Electric U.FL-R-SMT Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT Datasheet HTML 7Page - Hirose Electric U.FL-R-SMT Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Part No.
U.FL-R-SMT(01)
U.FL-R-SMT(10)
CL No.
331-0471-0-01
331-0471-0-10
Packaging
Bag packaging (100 pieces/bag)
Reel packaging (2500 pieces/reel)
Weight (mg)
15.7/unit
sReceptacles
Note 1: Receptacles of (01) specification are sold by the
pack with 100 pieces per pack.
Please order in pack units.
Note 2: Receptacles of (10) specification are sold by the
reel (which contains 2,500 pieces).
Please order in reel units.
Note 3: Permissible value for mold resin which gets onto
the center contact.
qPackaging Specifications
Embossed Carrier Tape Dimensions
Reel Dimensions
GND
GND
GND
GND
Cut Out Prohibition Area
Recommended PCB Footprints
SIG
SIG
Ø2
3
2.6
0.6
1
±0.05
4
±0.05
1.9
±0.05
8
±0.1
2
±0.1
4
±0.1
0.3
1.6
Center contact
Unreeling direction
1.8
14
Ø13
Ø21



Html Pages

1 2 3 4 5 6 7 8