| データシートサーチシステム |
|
PI7C8150BMA-33 データシート(PDF) 89 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C8150BMA-33 データシート(HTML) 89 Page - Pericom Semiconductor Corporation |
|
89 / 107 page ![]() PI7C8150B ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE Page 89 of 107 April 2015 – Revision 2.1 Bit Function Type Description 1 Primary MEMR Command Alias Enable R/W Controls PI7C8150B’s detection mechanism for matching memory read retry cycles from the initiator on the primary interface 0: exact matching for non-posted memory write retry cycles from initiator on the primary interface 1: alias MEMRL or MEMRM to MEMR for memory read retry cycles from the initiator on the primary interface Reset to 1 2 Primary MEMW Command Alias Enable R/W Controls PI7C8150B’s detection mechanism for matching non-posted memory write retry cycles from the initiator on the primary interface 0: exact matching for non-posted memory write retry cycles from initiator on the primary interface 1: alias MEMWI to MEMW for non-posted memory write retry cycles from initiator on the primary interface Reset to 0 3 Secondary MEMR Command Alias Enable R/W Controls PI7C8150B’s detection mechanism for matching memory read retry cycles from the initiator on the secondary 0: exact matching for memory read retry cycles from initiator on the secondary interface 1: alias MEMRL or MEMRM to MEMR for memory read retry cycles from initiator on the secondary interface Reset to 1 4 Secondary MEMW Command Alias Enable R/W Controls PI7C8150B’s detection mechanism for matching non-posted memory write retry cycles from the initiator on the primary interface 0: exact matching for non-posted memory write retry cycles from initiator on the secondary interface 1: alias MEMWI to MEMW for non-posted memory write retry cycles from initiator on the secondary interface Reset to 0 5 Primary MEMR Line/Multiple Alias Enable R/W 0: exact matching for memory read line/multiple retry cycle from initiator on primary interface 1: alias MEMRL to MEMRM or MEMRM to MEMRL for memory read retry cycle from initiator on primary interface Reset to 1 6 Secondary MEMR Line/Multiple Alias Enable R/W 0: exact matching for memory read line/multiple retry cycle from initiator on secondary interface 1: alias MEMRL to MEMRM or MEMRM to MEMRL for memory read retry cycle from initiator on secondary interface Reset to 1 7 Primary MEMWI Command Alias Enable R/W Controls PI7C8150B’s detection mechanism for matching non-posted memory write and invalidate cycles from the initiator on the primary interface 0: When accepting MEMWI command at the primary interface, PI7C8150B converts MEMWI to MEMW command on the secondary interface 1: Disconnects MEMWI command at aligned cache line boundaries Reset to 0 15-0048 |