| データシートサーチシステム |
|
MB9AAA0N データシート(PDF) 25 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9AAA0N データシート(HTML) 25 Page - SPANSION |
|
25 / 109 page ![]() D a t a S h e e t 22 MB9AAA0N_DS706-00067-2v0-E, June 30, 2015 CONFIDENTIAL List of pin functions The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. Pin function Pin name Function description Pin No LQFP- 64 LQFP- 80 LQFP- 100 QFP- 100 ADC ADTG_0 A/D converter external trigger input pin - 66 84 62 ADTG_1 - 7 7 85 ADTG_2 9 13 18 96 ADTG_3 58 74 94 72 ADTG_4 - - - - ADTG_5 - - 70 48 ADTG_6 8 12 12 90 ADTG_7 - - 30 8 ADTG_8 - - - - AN00 A/D converter analog input pin. ANxx describes ADC ch.xx. 34 42 52 30 AN01 35 43 53 31 AN02 36 44 54 32 AN03 37 45 55 33 AN04 38 46 56 34 AN05 39 47 57 35 AN06 - 48 58 36 AN07 40 49 59 37 AN08 44 53 63 41 AN09 45 54 64 42 AN10 - 55 65 43 AN11 - 56 66 44 AN12 - - 67 45 AN13 - - 68 46 AN14 - - 69 47 AN15 - - 70 48 |