| データシートサーチシステム |
|
MB9B100A データシート(PDF) 97 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B100A データシート(HTML) 97 Page - SPANSION |
|
97 / 109 page ![]() D a t a S h e e t 94 MB9B100A-DS706-00020-2v0-E, December 15, 2014 CONFIDENTIAL ・ Operation example of return from Low-Power consumption mode (by internal resource interrupt*) Internal Resource INT Ticnt Interrupt factor accept CPU Operation Start Active Interrupt factor clear by CPU *: Internal resource interrupt is not included in return factor by the kind of Low-Power consumption mode. Notes: ・ The return factor is different in each Low-Power consumption modes. See "CHAPTER 6: Low Power Consumption Mode" and "Operations of Standby Modes" in FM3 Family PERIPHERAL MANUAL about the return factor from Low-Power consumption mode. ・ When interrupt recoveries, the operation mode that CPU recoveries depends on the state before the Low-Power consumption mode transition. See "CHAPTER 6: Low Power Consumption Mode" in "FM3 Family PERIPHERAL MANUAL". |