| データシートサーチシステム |
|
MB9B500B データシート(PDF) 12 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B500B データシート(HTML) 12 Page - SPANSION |
|
12 / 113 page ![]() D a t a S h e e t December 15, 2014, MB9B500B-DS706-00021-3v0-E 9 CONFIDENTIAL PIN ASSIGNMENT FPT-100P-M23 (TOP VIEW) 1 75 2 74 3 73 4 72 5 71 6 70 7 69 8 68 9 67 10 66 11 65 12 64 13 63 14 62 15 61 16 60 17 59 18 58 19 57 20 56 21 55 22 54 23 53 24 52 25 51 LQFP - 100 VCC P50/INT00_0/AIN0_2/SIN3_1/RTO10_0/MDATA0 P51/INT01_0/BIN0_2/SOT3_1/RTO11_0/MDATA1 P52/INT02_0/ZIN0_2/SCK3_1/RTO12_0/MDATA2 P53/SIN6_0/TIOA1_2/INT07_2/RTO13_0/MDATA3 P54/SOT6_0/TIOB1_2/RTO14_0/MDATA4 P55/SCK6_0/ADTG_1/RTO15_0/MDATA5 P56/INT08_2/DTTI1X_0/MCSX7 P30/AIN0_0/TIOB0_1/INT03_2/MDATA6 P31/BIN0_0/TIOB1_1/SCK6_1/INT04_2/MDATA7 P32/ZIN0_0/TIOB2_1/SOT6_1/INT05_2/MDQM0 P33/INT04_0/TIOB3_1/SIN6_1/ADTG_6/MDQM1 P34/FRCK0_0/TIOB4_1/TX0_1/MAD24 P35/IC03_0/TIOB5_1/RX0_1/INT08_1/MAD23 P36/IC02_0/SIN5_2/INT09_1/MCSX3 P37/IC01_0/SOT5_2/INT10_1/MCSX2 P38/IC00_0/SCK5_2/INT11_1 P39/DTTI0X_0/ADTG_2 P3A/RTO00_0/TIOA0_1 P3B/RTO01_0/TIOA1_1 P3C/RTO02_0/TIOA2_1 P3D/RTO03_0/TIOA3_1 P3E/RTO04_0/TIOA4_1 P3F/RTO05_0/TIOA5_1 VSS VSS P20/INT05_0/CROUT/AIN1_1 P21/SIN0_0/INT06_1/BIN1_1 P22/SOT0_0/TIOB7_1/ZIN1_1 P23/SCK0_0/TIOA7_1/RTO00_1 P1F/AN15/ADTG_5/FRCK0_1/MDATA15 P1E/AN14/RTS4_1/DTTI0X_1/MDATA14 P1D/AN13/CTS4_1/IC03_1/MDATA13 P1C/AN12/SCK4_1/IC02_1/MDATA12 P1B/AN11/SOT4_1/IC01_1/MDATA11 P1A/AN10/SIN4_1/INT05_1/IC00_1/MDATA10 P19/AN09/SCK2_2/MDATA9 P18/AN08/SOT2_2/MDATA8 AVSS AVRH AVCC P17/AN07/SIN2_2/INT04_1/MWEX P16/AN06/SCK0_1/MOEX P15/AN05/SOT0_1/MCSX0 P14/AN04/SIN0_1/INT03_1/MCSX1 P13/AN03/SCK1_1/MAD08 P12/AN02/SOT1_1/TX1_2/MAD09 P11/AN01/SIN1_1/INT02_1/RX1_2 P10/AN00 VCC <Note> ・The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. |