| データシートサーチシステム |
|
MB91F528 データシート(PDF) 27 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528 データシート(HTML) 27 Page - SPANSION |
|
27 / 241 page ![]() D a t a S h e e t 24 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 - - 40 V4 P205 - Q General-purpose I/O port SOT13_0/SDA13 - Multi-function serial ch.13 serial data output pin(0)/I 2C bus serial data I/O pin AN58 - ADC analog 58 input pin PPG49_0 - PPG ch.49 output pin(0) AIN2_0 - U/D counter ch.2 AIN input pin(0) - - 41 W4 P206 - G General-purpose I/O port SIN13_0 - Multi-function serial ch.13 serial data input pin(0) AN57 - ADC analog 57 input pin BIN2_0 - U/D counter ch.2 BIN input pin(0) INT17_0 - INT17 external interrupt input pin(0) - - 42 Y4 P207 - B General-purpose I/O port SCS13_0 - Serial chip select 13 I/O pin(0) AN56 - ADC analog 56 input pin ZIN2_0 - U/D counter ch.2 ZIN input pin(0) 29 35 43 W2 P046 - A General-purpose I/O port A16 - External Bus address bit16 output pin ICU4_1 - Input capture ch.4 input pin(1) TRG4_1 - PPG trigger 4 input pin(1) - 36 44 AA3 P176 - A General-purpose I/O port TRG10_0 - PPG trigger 10 input pin(0) 30 37 45 Y1 P047 - B General-purpose I/O port A17 - External Bus address bit17 output pin AN45 - ADC analog 45 input pin TRG8_0 - PPG trigger 8 input pin(0) TIN3_2 - Reload timer ch.3 event input pin(2) SOT0_1 - Multi-function serial ch.0 serial data output pin(1) - 38 46 AA4 P177 - A General-purpose I/O port TRG11_0 - PPG trigger 11 input pin(0) 31 39 47 Y2 P050 - A General-purpose I/O port A18 - External Bus address bit18 output pin TRG5_1 - PPG trigger 5 input pin(1) PPG33_0 - PPG ch.33 output pin(0) 32 40 48 AA1 P051 - A General-purpose I/O port A19 - External Bus address bit19 output pin TRG9_0 - PPG trigger 9 input pin(0) TX5(128)_0 - CAN transmission data 5 output pin(0) - - - AB3 P250 - A General-purpose I/O port PPG66_0 - PPG ch.66 output pin(0) - - - AB4 P251 - A General-purpose I/O port PPG67_0 - PPG ch.67 output pin(0) |