| データシートサーチシステム |
|
MB91F528 データシート(PDF) 179 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528 データシート(HTML) 179 Page - SPANSION |
|
179 / 241 page ![]() D a t a S h e et 176 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL Parameter Symbol Pin name Conditions Value Unit Remarks Min Typ Max “L” level input voltage *1 VIL1 P000,002,003, 005,020,022, 024,026,035, 041,045,055, 057,071-077, 081,082,093, 096,097, 100-102,111, 115,116,122, 126,130,134, 150,151,153, 200-202,204-2 06,210-212,21 4-216,220-222 ,225-227,230- 232,234-236, TCK,TDI,TM S,TRST CMOS hysteresis input level Vss - 0.3× VCC V VIL2 P001,004,006, 007,010-017, 052,114,120, 123,155 CMOS hysteresis input level Vss - 0.3× VCC V VIL3 Automotive input level Vss - 0.5× VCC V VIL4 Port other than VIH1,VIH2,VIH3 Automotive input level Vss - 0.5× VCC V VIL5 RSTX,NMIX, MD0,MD1 CMOS hysteresis input level Vss - 0.2× VCC V VILT DEBUGIF TTL input level Vss - 0.8 V *1: It is provided by VCCE for the pin corresponding to the VCCE power supply instead of VCC. Please see "PRODUCT LINEUP" for details. |