データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP8024 データシート(PDF) 34 Page - Microchip Technology

部品番号 MCP8024
部品情報  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 データシート(HTML) 34 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 30Page - Microchip Technology MCP8024 Datasheet HTML 31Page - Microchip Technology MCP8024 Datasheet HTML 32Page - Microchip Technology MCP8024 Datasheet HTML 33Page - Microchip Technology MCP8024 Datasheet HTML 34Page - Microchip Technology MCP8024 Datasheet HTML 35Page - Microchip Technology MCP8024 Datasheet HTML 36Page - Microchip Technology MCP8024 Datasheet HTML 37Page - Microchip Technology MCP8024 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
MCP8024
DS20005228A-page 34
 2013 Microchip Technology Inc.
0.20 C
0.20 C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
1
2
N
2X
TOP VIEW
SIDE VIEW
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.08 C
Microchip Technology Drawing C04-047-002A Sheet 1 of 2
40-Lead Plastic Quad Flat, No Lead Package (MP) - 5x5 mm Body [QFN]
D2
D
E
A
B
40X b
e
0.07
C A B
0.05
C
A
(A3)
With 3.7x3.7 mm Exposed Pad
E2
A1
0.10 C
K
L
2X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46