データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RV-8564 データシート(PDF) 24 Page - MICORO CRYSTAL SWITZERLAND

部品番号 RV-8564
部品情報  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
ホームページ  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 データシート(HTML) 24 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 26Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 27Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 28Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
24/40
10.3.SYSTEM CONFIGURATION
Since multiple devices can be connected with the I2C bus, all I2C bus devices have a fixed and unique device
number built-in to allow individual addressing of each device.
The device that controls the I2C bus is the Master; the devices which are controlled by the Master are the Slaves.
A device generating a message is a Transmitter; a device receiving a message is the Receiver. The RV-8564 acts
as a Slave-Receiver or Slave-Transmitter.
Before any data is transmitted on the I2C bus, the device which should respond is addressed first. The addressing
is always carried out with the first byte transmitted after the start procedure. The clock signal SCL is only an input
signal, but the data signal SDA is a bidirectional line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40