データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DF10S データシート(PDF) 1 Page - Olitech Electronics Co.Ltd

部品番号 DF10S
部品情報  DF005S - DF10S
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OLITECH [Olitech Electronics Co.Ltd]
ホームページ  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

DF10S データシート(HTML) 1 Page - Olitech Electronics Co.Ltd

  DF10S Datasheet HTML 1Page - Olitech Electronics Co.Ltd DF10S Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Characteristic
Symbol
DF
005S
DF
01S
DF
02S
DF
04S
DF
06S
DF
08S
DF
10S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRMM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Forward Rectified Current
@ TA = 40°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms
single half-sine-wave superimposed on rated load
(JEDEC method)
IFSM
50
A
Forward Voltage (per element)
@ IF = 1.0A
VFM
1.1
V
Peak Reverse Current at Rated
@ TA = 25°C
DC Blocking Voltage (per element)
@ TA = 125°C
IRM
10
500
µA
I2t Rating for Fusing (t<8.3ms)
I2t
10.4
A2s
Typical Junction Capacitance (per element) (Note 1)
Cj
25
pF
Typical Thermal Resistance, Junction to Ambient
(Note 2)
RqJA
40
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
Features
·
Case: Molded Plastic
·
Terminals: Solder Plated Leads, Solderable
per MIL-STD-202, Method 208
·
Polarity: As marked on Case
·
Approx. Weight: 0.38 grams
·
Mounting Position: Any
·
Marking: Type Number
Mechanical Data
Notes:
1. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V DC.
2. Thermal resistance, junction to ambient, measured on PC board with 5.0mm2 (0.03mm thick) land areas.
·
Diffused Junction
·
Low Forward Voltage Drop, High Current
Capability
·
Surge Overload Rating to 50A Peak
·
Designed for Surface Mount Application
·
Plastic Material - UL Flammability
Classification 94V-0
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
A B
C
D E
G
H
J
L
K
DF-S
Dim
Min
Max
A
7.40
7.90
B
6.20
6.50
C
0.22
0.30
D
0.076
0.33
E
—
10.40
G
1.02
1.53
H
8.13
8.51
J
2.40
2.60
K
5.00
5.20
L
1.00
1.20
All Dimensions in mm
DF005S - DF10S
Email: info@olitech-elec.com
Website: www.olitech-elec.com
OLITECH ELECTRONICS CO. LTD.


同様の部品番号 - DF10S

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
DF10S WTE-DF10S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
DF10S ZOWIE-DF10S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF10S JGD-DF10S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF10S SSE-DF10S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF10S FAIRCHILD-DF10S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com