| データシートサーチシステム |
|
ZMM2V4 データシート(PDF) 2 Page - Olitech Electronics Co.Ltd |
|
|
|||||||||||||||||||||||||||||
ZMM2V4 データシート(HTML) 2 Page - Olitech Electronics Co.Ltd |
|
2 / 3 page ![]() Page:P3-P2 Glass-Encapsulate Diodes 1) Tested with pulses tp = 20 ms. 2) The ZMM1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z". Connect the cathode Type Zener Voltage Range 1) Dynamic Resistance Reverse Leakage Current Temp. Coefficient of Zener Voltage VZnom VZ T at lZT ZZT ZZK at IZK Ta = 25 OC o Ta = 125 C at VR (V) (V) (mA) Max. (Ω) Max. (Ω) (mA) Max. (µA) Max. (µA) (V) TKvz (%/K) ZMM2V0 2 1.8...2.15 5 85 600 1 100 200 1 -0.09...-0.06 ZMM2V2 2.2 2.08...2.33 5 85 600 1 75 160 1 -0.09...-0.06 ZMM2V4 2.4 2.28...2.56 5 85 600 1 50 100 1 -0.09...-0.06 ZMM2V7 2.7 2.5...2.9 5 85 600 1 10 50 1 -0.09...-0.06 ZMM3V0 3 2.8...3.2 5 85 600 1 4 40 1 -0.08...-0.05 ZMM3V3 3.3 3.1...3.5 5 85 600 1 2 40 1 -0.08...-0.05 ZMM3V6 3.6 3.4...3.8 5 85 600 1 2 40 1 -0.08...-0.05 ZMM3V9 3.9 3.7...4.1 5 85 600 1 2 40 1 -0.08...-0.05 ZMM4V3 4.3 4...4.6 5 75 600 1 1 20 1 -0.06...-0.03 ZMM4V7 4.7 4.4...5 5 60 600 1 0.5 10 1 -0.05...+0.02 ZMM5V1 5.1 4.8...5.4 5 35 550 1 0.1 2 1 -0.02...+0.02 ZMM5V6 5.6 5.2...6 5 25 450 1 0.1 2 1 -0.05...+0.05 ZMM6V2 6.2 5.8...6.6 5 10 200 1 0.1 2 2 0.03...0.06 ZMM6V8 6.8 6.4...7.2 5 8 150 1 0.1 2 3 0.03...0.07 ZMM7V5 7.5 7...7.9 5 7 50 1 0.1 2 5 0.03...0.07 ZMM8V2 8.2 7.7...8.7 5 7 50 1 0.1 2 6.2 0.03...0.08 ZMM9V1 9.1 8.5...9.6 5 10 50 1 0.1 2 6.8 0.03...0.09 ZMM10 10 9.4...10.6 5 15 70 1 0.1 2 7.5 0.03...0.1 ZMM11 11 10.4...11.6 5 20 70 1 0.1 2 8.2 0.03...0.11 ZMM12 12 11.4...12.7 5 20 90 1 0.1 2 9.1 0.03...0.11 ZMM13 13 12.4...14.1 5 26 110 1 0.1 2 10 0.03...0.11 ZMM15 15 13.8...15.6 5 30 110 1 0.1 2 11 0.03...0.11 ZMM16 16 15.3...17.1 5 40 170 1 0.1 2 12 0.03...0.11 ZMM18 18 16.8...19.1 5 50 170 1 0.1 2 13 0.03...0.11 ZMM20 20 18.8...21.2 5 55 220 1 0.1 2 15 0.03...0.11 ZMM22 22 20.8...23.3 5 55 220 1 0.1 2 16 0.04...0.12 ZMM24 24 22.8...25.6 5 80 220 1 0.1 2 18 0.04...0.12 ZMM27 27 25.1...28.9 5 80 220 1 0.1 2 20 0.04...0.12 ZMM30 30 28...32 5 80 220 1 0.1 2 22 0.04...0.12 ZMM33 33 31...35 5 80 220 1 0.1 2 24 0.04...0.12 ZMM36 36 34...38 5 80 220 1 0.1 2 27 0.04...0.12 ZMM39 39 37...41 2.5 90 500 0.5 0.1 5 30 0.04...0.12 ZMM43 43 40...46 2.5 90 500 0.5 0.1 5 33 0.04...0.12 ZMM47 47 44...50 2.5 110 600 0.5 0.1 5 36 0.04...0.12 ZMM51 51 48...54 2.5 125 700 0.5 0.1 10 39 0.04...0.12 ZMM56 56 52...60 2.5 135 700 0.5 0.1 10 43 0.04...0.12 ZMM62 62 58...66 2.5 150 1000 0.5 0.1 10 47 0.04...0.12 ZMM68 68 64...72 2.5 200 1000 0.5 0.1 10 51 0.04...0.12 ZMM75 75 70...79 2.5 250 1000 0.5 0.1 10 56 0.04...0.12 Email: info@olitech-elec.com Website: www.olitech-elec.com OLITECH ELECTRONICS CO. LTD. ZMM2V0--ZMM75 (BZV55C) |