データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SCD15PTR データシート(PDF) 1 Page - CUI INC

部品番号 SCD15PTR
部品情報  current sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUI [CUI INC]
ホームページ  http://www.cui.com
Logo CUI - CUI INC

SCD15PTR データシート(HTML) 1 Page - CUI INC

  SCD15PTR Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCDXXPSN
current sensor
COPYRIGHT 2009 BY CUI INC.
TITLE:
MM
SCALE:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
JRH
REV:
Website: www.cui.com
A
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
RoHS
DATE
DESCRIPTION
REV.
05/15/2009
NEW DRAWING
A
20
0.5
15
4-Ø0.8
ØB
4
5
10
2.5
7.62
1
6
5
4
3
2
SPECIFICATIONS
(Vcc = +12V, RL = 10k
Ω, Ta = 25
°C)
N
S
P
0
2
D
C
S
N
S
P
5
1
D
C
S
N
S
P
0
1
D
C
S
N
S
P
5
0
D
C
S
N
S
P
3
0
D
C
S
l
e
d
o
M
A
0
2
+
A
5
1
+
A
0
1
+
A
5
+
A
3
+
t
n
e
r
r
u
C
d
e
t
a
R
A
0
4
+
A
0
3
+
A
0
2
+
A
0
1
+
A
6
+
e
g
n
a
R
y
ti
r
a
e
n
i
L
t
n
e
r
r
u
C
d
e
t
a
R
@
%
8
.
0
±
V
5
e
g
a
tl
o
V
t
u
p
t
u
O
Zero Current Offset Voltage
1.0V ±30mV max. (after demagnetization)
t
n
e
r
r
u
c
d
e
t
a
r
@
%
5
.
0
±
y
ti
r
a
e
n
i
L
e
g
a
tl
o
V
t
u
p
t
u
O
%
5
±
V
2
1
+
e
g
a
tl
o
V
y
l
p
p
u
S
.
x
a
m
A
m
5
2
+
n
o
it
p
m
u
s
n
o
C
t
n
e
r
r
u
C
x
a
M
S
µ
/
s
n
r
u
T
/
p
m
A
0
5
@
.
p
y
t
S
µ
3
e
s
n
o
p
s
e
R
/
%
1
.
0
±
r
a
h
C
p
m
e
T
V
t
u
p
t
u
O
°C max. @ rated current
/
V
m
5
.
1
±
r
a
h
C
p
m
e
T
V
t
e
s
ff
O
t
n
e
r
r
u
C
o
r
e
Z
°C max.
A
0
o
t
t
n
e
r
r
u
c
d
e
t
a
r
@
.
x
a
m
V
m
5
1
s
i
s
e
r
e
t
s
y
H
e
g
a
m
a
d
o
n
,
S
m
0
5
,t
n
e
r
r
u
c
d
e
t
a
r
X
0
1
t
n
e
r
r
u
c
r
e
v
O
y
r
a
m
ir
P
Withstand Voltage
2000 VAC, 50/60Hz, 1 minute between primary coil & terminal
l
a
n
i
m
r
e
t
&
li
o
c
y
r
a
m
ir
p
n
e
e
w
t
e
b
C
D
V
0
0
5
e
c
n
a
t
s
i
s
e
R
n
o
it
a
l
u
s
n
I
0
1
-
p
m
e
T
g
n
it
a
r
e
p
O
° to +75° C
0
9
+
o
t
0
3
-
p
m
e
T
e
g
a
r
o
t
S
°C
Offset Voltage vs Temperature
Output Voltage vs Input Current
Pin# 1
+12V
2
NC
3
Output
4
0V
5
Input (+)
6
Input (-)
Model
ØA
ØB
SCD03PSN 0.7
1.2
SCD05PSN 1.0
1.5
SCD10PSN 1.2
1.7
SCD15PSN 1.5
2.0
SCD20PSN 1.8
2.3
Mounting Hole Dimensions
Pin Assignments
Ordering Information
SCD
PSN
Current Rating:
03:
3A
05:
5A
10: 10A
15: 15A
20: 20A
Input Current Polarity:
N: +(DC only)
R:
± (bipolar)
Input Voltage:
A: ±15VDC
B: ±12VDC
S: +12VDC
T:
±5VDC
U:
+5VDC
1.0
7.5
0
7.5
15
22.5
INPUT CURRENT (A)
30
37.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
Output Voltage vs Temperature
1.00
0.95
-20
0
20
40
60
80
0.90
1.05
1.10
AMBIENT TEMPERATURE (˚C)
MAX
AVG
MIN
5.00
4.90
-20
0
20
40
60
80
4.95
5.05
5.10
5.15
MIN
MAX
AVG
AMBIENT TEMPERATURE (˚C)
Characteristics of SCD15PSN


同様の部品番号 - SCD15PTR

メーカー部品番号データシート部品情報
logo
CUI INC
SCD15PSR CUI-SCD15PSR Datasheet
548Kb / 1P
current sensor
SCD15PUN CUI-SCD15PUN Datasheet
40Kb / 1P
Characteristics of SCD15PUN
More results

同様の説明 - SCD15PTR

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
Current Sensor
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
CURRENT SENSOR
logo
CUI INC
CSXX05B CUI-CSXX05B Datasheet
340Kb / 4P
CURRENT SENSOR
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
CURRENT SENSOR
02/19/2020
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
CURRENT SENSOR
02/19/2020
logo
Littelfuse
SE-CS40 LITTELFUSE-SE-CS40 Datasheet
164Kb / 2P
Current Sensor
2015 Rev: 1-A-111215
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com