データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N6771 データシート(PDF) 1 Page - Inchange Semiconductor Company Limited

部品番号 2N6771
部品情報  High Switching Speed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6771 データシート(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N6771 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6771 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistors
2N6771/6772/6773
DESCRIPTION
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 300V(Min)- 2N6771
= 350V(Min)- 2N6772
= 400V(Min)- 2N6773
·
High Switching Speed
·
Low Saturation Voltage
APPLICATIONS
·
Designed for use in off-line power supplies and is also well
suited for use in a wide range of inverter or converter circuits
and pulse-width-modulated regulators.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.17
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCEV
Collector-Emitter Voltage
VBE= -1.5V
2N6771
450
V
2N6772
550
2N6773
650
VCEO(SUS)
Collector-Emitter Voltage
2N6771
300
V
2N6772
350
2N6773
400
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current-Continuous
8
A
ICM
Collector Current-Peak
10
A
IB
Base Current-Continuous
4
A
PC
Collector Power Dissipation@TC=25℃
150
W
TJ
Junction Temperature
200
Tstg
Storage Temperature
-65~200


同様の部品番号 - 2N6771

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
2N6771 NJSEMI-2N6771 Datasheet
85Kb / 2P
Silicon NPN Power Transistors
More results

同様の説明 - 2N6771

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
High Speed Switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
HIGH SPEED SWITCHING
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
High speed switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
High-Speed Switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
High speed switching
logo
Advanced Power Electron...
AP30G100W A-POWER-AP30G100W_14 Datasheet
220Kb / 4P
High speed switching
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
High Speed Switching
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com