データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7768BSTZ データシート(PDF) 19 Page - Analog Devices

部品番号 AD7768BSTZ
部品情報  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ データシート(HTML) 19 Page - Analog Devices

Back Button AD7768BSTZ Datasheet HTML 15Page - Analog Devices AD7768BSTZ Datasheet HTML 16Page - Analog Devices AD7768BSTZ Datasheet HTML 17Page - Analog Devices AD7768BSTZ Datasheet HTML 18Page - Analog Devices AD7768BSTZ Datasheet HTML 19Page - Analog Devices AD7768BSTZ Datasheet HTML 20Page - Analog Devices AD7768BSTZ Datasheet HTML 21Page - Analog Devices AD7768BSTZ Datasheet HTML 22Page - Analog Devices AD7768BSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 19 of 99
t11
tODR
t12
DRDY
DCLK
DOUT6
AND
DOUT7
Figure 4. Daisy-Chain Setup and Hold Timing Diagram
t13
t14
MCLK
START
SYNC_OUT
Figure 5. Asynchronous START and SYNC_OUT Timing Diagram
t16
t15
MCLK
SYNC_IN
t15
Figure 6. Synchronous SYNC_INE Pulse Timing Diagram
CS
SCLK
SDO
MSB
t18
t17
t21
t30
t22
t23
t24
t20
t19
Figure 7. SPI Serial Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99