データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7779ACPZ データシート(PDF) 65 Page - Analog Devices

部品番号 AD7779ACPZ
部品情報  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ データシート(HTML) 65 Page - Analog Devices

Back Button AD7779ACPZ Datasheet HTML 61Page - Analog Devices AD7779ACPZ Datasheet HTML 62Page - Analog Devices AD7779ACPZ Datasheet HTML 63Page - Analog Devices AD7779ACPZ Datasheet HTML 64Page - Analog Devices AD7779ACPZ Datasheet HTML 65Page - Analog Devices AD7779ACPZ Datasheet HTML 66Page - Analog Devices AD7779ACPZ Datasheet HTML 67Page - Analog Devices AD7779ACPZ Datasheet HTML 68Page - Analog Devices AD7779ACPZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 65 of 97
DISABLE CLOCKS TO ADC CHANNEL REGISTER
Address: 0x008, Reset: 0x00, Name: CH_DISABLE
Channel 7 Dis able
Channel 0 Dis able
Channel 6 Dis able
Channel 1 Dis able
Channel 5 Dis able
Channel 2 Dis able
Channel 4 Dis able
Channel 3 Dis able
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] CH7_DISABLE (R/W)
[0] CH0_DISABLE (R/W)
[6] CH6_DISABLE (R/W)
[1] CH1_DISABLE (R/W)
[5] CH5_DISABLE (R/W)
[2] CH2_DISABLE (R/W)
[4] CH4_DISABLE (R/W)
[3] CH3_DISABLE (R/W)
Table 52. Bit descriptions for CH_DISABLE
Bits
Bit Name
Settings
Description
Reset
Access
7
CH7_DISABLE
Channel 7 Disable
0x0
R/W
6
CH6_DISABLE
Channel 6 Disable
0x0
R/W
5
CH5_DISABLE
Channel 5 Disable
0x0
R/W
4
CH4_DISABLE
Channel 4 Disable
0x0
R/W
3
CH3_DISABLE
Channel 3 Disable
0x0
R/W
2
CH2_DISABLE
Channel 2 Disable
0x0
R/W
1
CH1_DISABLE
Channel 1 Disable
0x0
R/W
0
CH0_DISABLE
Channel 0 Disable
0x0
R/W
CHANNEL 0 SYNC OFFSET REGISTER
Address: 0x009, Reset: 0x00, Name: CH0_SYNC_OFFSET
Channel Sync Offs et
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CH0_SYNC_OFFSET (R/W)
Table 53. Bit Descriptions for CH0_SYNC_OFFSET
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CH0_SYNC_OFFSET
Channel Sync Offset
0x0
R/W
CHANNEL 1 SYNC OFFSET REGISTER
Address: 0x00A, Reset: 0x00, Name: CH1_SYNC_OFFSET
Channel Sync Offs et
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CH1_SYNC_OFFSET (R/W)
Table 54. Bit Descriptions for CH1_SYNC_OFFSET
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CH1_SYNC_OFFSET
Channel Sync Offset
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97