データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PI3USB102 データシート(PDF) 2 Page - Pericom Semiconductor Corporation

部品番号 PI3USB102
部品情報  USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PERICOM [Pericom Semiconductor Corporation]
ホームページ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB102 データシート(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3USB102_08 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PI3USB102
USB 2.0 High-Speed (480 Mbps) Signal Switch
Targeted for Battery Powered Applications
PS8950C
11/20/08
DC Electrical Characteristics for USB 2.0 Switching over Operating Range
(TA = –40°C to +85°C, VDD = 3.0 - 4.4V)
Parameter
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed
HIGH level
VDD = 4.2V
1.8
V
VDD = 3.3V
1.6
VIL
Input LOW Voltage
Guaranteed HIGH level
0.8
VIK
Clamp Diode Voltage
VDD = Max., IIK = –18mA
-1.2
IIH
Input HIGH Current
VDD = Max., VIH = VDD
±5
uA
IIL
Input LOW Current
VDD = Max., VIL = GND
±5
RON
Switch On-Resistance(3)
VDD = Min., -0.4V ≤ Vinput ≤ 1.0V,
ION = –40mA
4.0
5.0
Ω
RFLAT(ON)
On-Resistance Flatness(3)
VDD = Min., -0.4V ≤ Vinput ≤ 1.0V,
ION = -40mA
1.5
ΔRON
On-Resistance match from center
ports to any other port(3)
VDD = Min., -0.4V ≤ Vinput ≤ 1.0V,
ION = -40mA
0.9
2.0
IOZ
I/O leakage current when port is
off
VDD = 4.3V, Vinput = 0 to 3.6V,
switch = off, OE = HIGH
±2
uA
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
VDD = 3.0 - 4.4V, TA = 25°C ambient and maximum loading.
3.
Measured by the voltage drop between D and Dn pin at indicated current through the Switch On-Resistance is determined by the lower of the
voltages on the two (D, Dn) pins.
Storage Temperature ......................................................–65°C to +150°C
Supply Voltage to Ground Potential .................................–0.5V to +4.6V
DC Input Voltage .................................................................–0.5V to +7V
DC Output Current ........................................................................120mA
Power Dissipation .............................................................................0.5W
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Power Supply Characteristics (VDD = 3.0 - 4.4V)
Parameters
Description
Test Conditions(1)
Min.
Typ.
Max.
Units
ICC
Quiescent Power Supply Current
VDD = Max., OE = GND or VDD
1
uA
VDD = Max, VSEL = 1.3V - 2.1V
15
uA
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
08-0310



Html Pages

1 2 3 4 5 6 7 8