| データシートサーチシステム |
|
VLS201610CX-R47M データシート(PDF) 9 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
VLS201610CX-R47M データシート(HTML) 9 Page - TDK Electronics |
|
9 / 9 page ![]() (9/9) INDUC T O RS 20160411 / inductor_commercial_power_vls201610cx_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. VLS201610CX Type PACKAGING STYLE REEL DIMENSIONS * These values are typical values. TAPE DIMENSIONS Type A W1 W2 N E VLS201610CX ø180 9 13 ø60 0.5 ø13.0 ±0.5 ø21.0 ±0.8 2.0 ±0.5 A (1.0) Dimensions in mm E W2 W1 P0 P2 øD0 P1 A t K Dimensions in mm Type A B øD0 E F P0 P1 P2 W K t VLS201610CX 1.9 2.3 1.5+0.1/-0 1.75±0.1 3.5±0.05 4.0±0.1 4.0±0.1 2.0±0.05 8.0±0.2 1.1 0.25 |