| データシートサーチシステム |
|
MLZ2012DR22DT000 データシート(PDF) 15 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
MLZ2012DR22DT000 データシート(HTML) 15 Page - TDK Electronics |
|
15 / 15 page ![]() (15/15) INDUC T O RS 20160411 / inductor_commercial_decoupling_mlz2012_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. MLZ2012 Type PACKAGING STYLE REEL DIMENSIONS TAPE DIMENSIONS 1.0 ø180 ±2.0 2.0 ±0.5 ø13 ±0.2 ø21 ±0.8 14.4max. Dimensions in mm 8.4 +2.0 –0.0 Type A B K MLZ2012 t=0.85 1.5±0.2 2.3±0.2 1.1 max. t=1.25 1.5±0.2 2.3±0.2 1.5 max. A 4.0±0.1 4.0±0.1 2.0±0.05 1.5 +0.1 0 K K MLZ2012 (t=1.25) MLZ2012 (t=0.85) Dimensions in mm 160min. Taping 200min. 300min. Drawing direction Dimensions in mm |