| データシートサーチシステム |
|
MLZ2012N6R8LT000 データシート(PDF) 6 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
MLZ2012N6R8LT000 データシート(HTML) 6 Page - TDK Electronics |
|
6 / 15 page ![]() (6/15) INDUC T O RS 20160411 / inductor_commercial_decoupling_mlz2012_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. MLZ2012 Type ELECTRICAL CHARACTERISTICS CHARACTERISTICS SPECIFICATION TABLE 1 Current assumed when inductance ratio has decreased by 50% max.. 2 Current assumed when temperature has risen to 20°C max. (reference value). Operating temperature environment at this time: 105°C max. ○ Measurement equipment * Equivalent measurement equipment may be used. Type L Thickness L measuring conditions DC resistance Isat1 Itemp2 Part No. T Frequency Current (μH) Tolerance (mm) (MHz) (mA) ( : )±30% (mA) (mA) Ultra-large current 1.0 ±20% 1.25 2 0.1 0.10 700 800 MLZ2012M1R0HT000 1.5 ±20% 1.25 2 0.1 0.14 550 700 MLZ2012M1R5HT000 2.2 ±20% 1.25 2 0.1 0.16 400 600 MLZ2012M2R2HT000 3.3 ±20% 1.25 2 0.1 0.20 350 500 MLZ2012M3R3HT000 4.7 ±20% 1.25 2 0.1 0.34 300 400 MLZ2012M4R7HT000 6.8 ±20% 1.25 2 0.1 0.40 220 350 MLZ2012M6R8HT000 10 ±20% 1.25 2 0.1 0.68 200 300 MLZ2012M100HT000 High frequency 0.10 ±20% 0.85 25 1.0 0.07 1000 1150 MLZ2012DR10DT000 0.22 ±20% 0.85 25 1.0 0.13 800 900 MLZ2012DR22DT000 0.47 ±20% 1.25 25 1.0 0.18 550 700 MLZ2012DR47DT000 Large current 1.00 ±20% 0.85 10 1.0 0.10 280 900 MLZ2012A1R0WT000 1.50 ±20% 0.85 10 1.0 0.13 250 750 MLZ2012A1R5WT000 2.20 ±20% 0.85 10 1.0 0.15 210 650 MLZ2012A2R2WT000 3.30 ±20% 0.85 10 1.0 0.34 200 450 MLZ2012A3R3WT000 4.70 ±20% 0.85 2 0.1 0.30 180 500 MLZ2012M4R7WT000 6.80 ±20% 1.25 2 0.1 0.40 160 400 MLZ2012M6R8WT000 10.0 ±20% 1.25 2 0.1 0.47 150 350 MLZ2012M100WT000 15.0 ±20% 1.25 2 0.1 0.95 120 250 MLZ2012M150WT000 22.0 ±20% 1.25 2 0.1 1.25 100 220 MLZ2012P220WT000 22.0 ±20% 1.25 2 0.1 2.0 60 220 MLZ2012M220WT000 33.0 ±20% 1.25 2 0.1 2.60 55 190 MLZ2012M330WT000 47.0 ±20% 1.25 2 0.1 3.70 50 170 MLZ2012M470WT000 Low resistance 1.00 ±20% 0.85 2 0.1 0.06 220 1150 MLZ2012N1R0LT000 1.50 ±20% 0.85 2 0.1 0.10 190 900 MLZ2012N1R5LT000 2.20 ±20% 0.85 2 0.1 0.12 170 800 MLZ2012N2R2LT000 3.30 ±20% 0.85 2 0.1 0.15 130 750 MLZ2012N3R3LT000 4.70 ±20% 0.85 2 0.1 0.18 130 600 MLZ2012N4R7LT000 6.80 ±20% 0.85 2 0.1 0.25 110 550 MLZ2012N6R8LT000 10.0 ±20% 1.25 2 0.1 0.30 110 500 MLZ2012N100LT000 15.0 ±20% 1.25 2 0.1 0.47 90 350 MLZ2012N150LT000 22.0 ±20% 1.25 2 0.1 0.67 70 300 MLZ2012N220LT000 100.0 ±20% 1.25 2 0.1 3.50 30 140 MLZ2012N101LT000 Measurement item Product No. Manufacturer L 4294A+16034G Keysight Technologies DC resistance Type-7561 Yokogawa |