| データシートサーチシステム |
|
MMZ2012Y301BT000 データシート(PDF) 11 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
MMZ2012Y301BT000 データシート(HTML) 11 Page - TDK Electronics |
|
11 / 11 page ![]() (11/11) 20150203 / beads_commercial_signal_mmz2012_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. EMC Components MMZ2012 Type PACKAGING STYLE REEL DIMENSIONS TAPE DIMENSIONS Dimensions in mm Type A B P1 K MMZ2012 1.5±0.2 2.3±0.2 4.0±0.1 1.1max. ø180 ±2.0 2.0 ±0.5 ø13 ±0.2 ø21 ±0.8 Dimensions in mm 1.0 14.4max. 8.4 +2.0 –0.0 4.0±0.1 2.0±0.05 A P1 K 1.5 +0.1 0 160min. Taping 200min. 300min. Drawing direction Dimensions in mm |