データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9018 データシート(PDF) 1 Page - Nanjing International Group Co

部品番号 9018
部品情報  NPN Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DGNJDZ [Nanjing International Group Co]
ホームページ  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

9018 データシート(HTML) 1 Page - Nanjing International Group Co

  9018 Datasheet HTML 1Page - Nanjing International Group Co 9018 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-92 Plastic Package
9018
NPN Silicon Epitaxial Planar Transistor
for AM/FM amplifier and local oscillator of
FM/VHF tuner applications.
The transistor is subdivided into six groups, D,
E, F, G, H and I, according to its DC current
gain.
On special request, these transistors can be
manufactured in different pin configurations.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
30
V
Collector Emitter Voltage
VCEO
15
V
Emitter Base Voltage
VEBO
5
V
Collector Current
IC
50
mA
Power Dissipation
Ptot
400
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
-55 to +150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 5 V, IC = 1 mA
Current Gain Group
D
E
F
G
H
I
hFE
hFE
hFE
hFE
hFE
hFE
28
39
54
72
97
132
-
-
-
-
-
-
45
60
80
108
146
198
-
-
-
-
-
-
Collector Base Breakdown Voltage
at IC = 100 µA
V(BR)CBO
30
-
-
V
Collector Emitter Breakdown Voltage
at IC = 1 mA
V(BR)CEO
15
-
-
V
Emitter Base Breakdown Voltage
at IE = 100 µA
V(BR)EBO
5
-
-
V
Collector Cutoff Current
at VCB = 12 V
ICBO
-
-
50
nA
Collector Emitter Saturation Voltage
at IC = 10 mA, IB = 1 mA
VCE(sat)
-
-
0.5
V
Collector Base Capacitance
at VCB = 10 V, f = 1 MHz
CCBO
-
1.3
1.7
pF
Gain Bandwidth Product
at VCE = 5 V, IC = 5 mA
fT
700
1100
-
MHz


同様の部品番号 - 9018

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
9018 UTC-9018 Datasheet
107Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Daya Electric Group Co....
9018 DAYA-9018 Datasheet
796Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
9018 UTC-9018 Datasheet
67Kb / 2P
AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
logo
List of Unclassifed Man...
9018 ETC2-9018 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
ASM GmbH
9018-50 ASM-SENSOR-9018-50 Datasheet
98Kb / 1P
Clamp Sensors
More results

同様の説明 - 9018

メーカー部品番号データシート部品情報
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com