| データシートサーチシステム |
|
2N2060 データシート(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
2N2060 データシート(HTML) 2 Page - Microsemi Corporation |
|
2 / 2 page ![]() 2N2060, 2N2060L JAN SERIES ELECTRICAL CHARACTERISTICS (con’t) Characteristics Symbol Min. Max. Unit ON CHARACTERISTICS (3) Forward-Current Transfer Ratio IC = 10 µAdc, VCE = 5.0 Vdc IC = 100 µAdc, VCE = 5.0 Vdc IC = 1.0 mAdc, VCE = 5.0 Vdc IC = 10 mAdc, VCE = 5.0 Vdc hFE 25 30 40 50 75 90 120 150 Collector-Emitter Saturation Voltage IC = 50 mAdc, IB = 5.0 mAdc VCE(sat) 0.3 Vdc Base-Emitter Saturation Voltage IC = 50 mAdc, IB = 5.0 mAdc VBE(sat) 0.9 Vdc DYNAMIC CHARACTERISTICS Common Emitter Small-Signal Short-Circuit Forward-Current Transfer ratio IC = 50 mAdc, VCE = 10 Vdc, f = 20 MHz hfe 3 25 Small-Signal Short-Circuit Input Impedance IC = 1.0 mAdc, VCB = 5.0 Vdc, f = 1.0 kHz hib 20 30 Ω Small-Signal Short-Circuit Forward-Current Transfer Ratio IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz hfe 50 150 Small-Signal Short-Circuit Input Impedance IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz hie 1,000 4,000 Ω Small-Signal Open-Circuit Output Admittance IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz hoe 0 16 µmhos Input Capacitance VEB = 0.5 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz Cibo 85 pF Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz Cobo 15 pF (3)Pulse Test: Pulse Width 250 to 350 µs, Duty Cycle ≤ 2.0%. 6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803 120101 Page 2 of 2 |