| データシートサーチシステム |
|
12F80M データシート(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
12F80M データシート(HTML) 4 Page - International Rectifier |
|
4 / 6 page ![]() 12F(R) Series 4 Bulletin I20205 rev. A 09/98 www.irf.com Outlines Table Fig. 1 - Current Ratings Characteristics Fig. 2 - Current Ratings Characteristics 130 140 150 160 170 180 0 4 8 12 16 20 DC 30° 60° 90° 120° 180° Conduction Period Average Forward Current (A) 12F(R) Series R (DC) = 2.0 K/W thJC 140 150 160 170 180 0 2 4 6 8 10 12 14 30° 60° 90° 120° 180° Conduction Angle Average Forward Current (A) 12F(R) Series R (DC) = 2.0 K/W thJC Case Style DO-203AA (DO-4) All dimensions in millimeters (inches) |