| データシートサーチシステム |
|
6N135VT2 データシート(PDF) 4 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
6N135VT2 データシート(HTML) 4 Page - CT Micro International Corporation |
|
4 / 16 page ![]() CT Micro Rev 2 Proprietary & Confidential Page 4 May, 2015 6N135, 6N136, CT4502, CT4503 1Mbit/s High Speed Phototransistor Optocoupler Electrical Characteristics TA = 0 - 70°C (unless otherwise specified). Typical values are measured at TA = 250C and VCC=5V Transfer Characteristics Symbol Parameters Test Conditions Min Typ Max Units Notes CTR Current Transfer Ratio 6N135 IF=16mA, VO=0.4V,VCC=4.5V, TA=25°C 7 - 50 % 6N136 CT4502 CT4503 19 - 50 6N135 IF=16mA, VO=0.5V, VCC=4.5V 5 - - 6N136 CT4502 CT4503 15 - - VOL Logic Low Output Voltage 6N135 IF=16mA,IO=1.1mA,VCC=4.5V, TA=25°C - 0.18 0.4 V 6N136 CT4502 CT4503 IF=16mA, IO=3mA, VCC=4.5V, TA=25°C - 0.18 0.4 6N135 IF=16mA, IO=0.8mA, VCC=4.5V - - 0.5 6N136 CT4502 CT4503 IF=16mA, IO=2.4mA, VCC=4.5V - - 0.5 |