| データシートサーチシステム |
|
CT852ST2 データシート(PDF) 2 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CT852ST2 データシート(HTML) 2 Page - CT Micro International Corporation |
|
2 / 14 page ![]() CT Micro Rev 1 Proprietary & Confidential Page 2 Aug, 2013 CT852 4-Pin High Power Photodarlington Optocoupler Absolute Maximum Rating at 25oC Symbol Parameters Ratings Units Notes VISO Isolation voltage 5000 VRMS TOPR Operating temperature -55 ~ +100 oC TSTG Storage temperature -55 ~ +150 oC TSOL Soldering temperature 260 oC Emitter IF Forward current 80 mA IF(TRANS) Peak transient current (≤1µs P.W,300pps) 1 A VR Reverse voltage 6 V PD Power dissipation 150 mW Detector PD Power dissipation 300 mW BVCEO Collector-Emitter Breakdown Voltage 350 V BVECO Emitter-Collector Breakdown Voltage 0.1 V IC Collector Current 150 mA |