| データシートサーチシステム |
|
CT3041SL データシート(PDF) 10 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CT3041SL データシート(HTML) 10 Page - CT Micro International Corporation |
|
10 / 11 page ![]() CT Micro CT Micro Rev 1 Proprietary & Confidential Page 10 Aug, 2013 CT303X, CT304X, CT306X, CT308X 6Pin Zero Cross TRIAC Driver Coupler Reflow Profile Profile Feature Pb-Free Assembly Profile Temperature Min. (Tsmin) 150°C Temperature Max. (Tsmax) 200°C Time (ts) from (Tsmin to Tsmax) 60-120 seconds Ramp-up Rate (tL to tP) 3°C/second max. Liquidous Temperature (TL) 217°C Time (tL) Maintained Above (TL) 60 – 150 seconds Peak Body Package Temperature 260°C +0°C / -5°C Time (tP) within 5°C of 260°C 30 seconds Ramp-down Rate (TP to TL) 6°C/second max Time 25°C to Peak Temperature 8 minutes max. |