データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF2890 データシート(PDF) 13 Page - RF Micro Devices

部品番号 RF2890
部品情報  DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2890 データシート(HTML) 13 Page - RF Micro Devices

Back Button RF2890 Datasheet HTML 6Page - RF Micro Devices RF2890 Datasheet HTML 7Page - RF Micro Devices RF2890 Datasheet HTML 8Page - RF Micro Devices RF2890 Datasheet HTML 9Page - RF Micro Devices RF2890 Datasheet HTML 10Page - RF Micro Devices RF2890 Datasheet HTML 11Page - RF Micro Devices RF2890 Datasheet HTML 12Page - RF Micro Devices RF2890 Datasheet HTML 13Page - RF Micro Devices RF2890 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
8-421
RF2890
Rev A4 040421
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD’s qualification process is electroless nickel, immersion gold. Typical thickness is
3
µinch to 8µinch gold over 180µinch nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and
tested for optimized assembly at RFMD; however, it may require some modifications to address company specific
assembly processes. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land Pattern
A = 0.64 x 0.28 (mm) Typ.
B = 0.28 x 0.64 (mm) Typ.
C = 2.50 (mm) Sq.
Pin 1
Pin 18
Pin 12
Pin 24
Dimensions in mm.
A
A
A
A
A
A
B
B
B
B
B
B
A
A
A
A
A
A
B
B
B
B
B
B
C
2.50 Typ.
0.50 Typ.
0.50 Typ.
0.55 Typ.
0.55 Typ.
2.50 Typ.
1.25
1.25
Figure 1. PCB Metal Land Pattern (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14