| データシートサーチシステム |
|
CT814ASLT2 データシート(PDF) 2 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CT814ASLT2 データシート(HTML) 2 Page - CT Micro International Corporation |
|
2 / 15 page ![]() CT Micro Rev 2 Proprietary & Confidential Page 2 Apr, 2015 CT814 Series AC Input 4-Pin Phototransistor Optocoupler Absolute Maximum Rating at 25oC Symbol Parameters Ratings Units Notes VISO Isolation voltage 5000 VRMS PTOT Total power dissipation 200 mW TOPR Operating temperature -55 ~ +110 oC TSTG Storage temperature -55 ~ +150 oC TSOL Soldering temperature 260 oC Emitter IF Forward current ±60 mA IF(TRANS) Peak transient current (≤1µs P.W,300pps) 1 A PD Emitter power dissipation 100 mW Detector PD Detector power dissipation 150 mW BVCEO Collector-Emitter Breakdown Voltage 80 V BVECO Emitter-Collector Breakdown Voltage 6 V IC Collector Current 50 mA |