データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CT3052VT2 データシート(PDF) 12 Page - CT Micro International Corporation

部品番号 CT3052VT2
部品情報  600V Random Phase 6-Pin Phototriac Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CTMICRO [CT Micro International Corporation]
ホームページ  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3052VT2 データシート(HTML) 12 Page - CT Micro International Corporation

Back Button CT3052VT2 Datasheet HTML 4Page - CT Micro International Corporation CT3052VT2 Datasheet HTML 5Page - CT Micro International Corporation CT3052VT2 Datasheet HTML 6Page - CT Micro International Corporation CT3052VT2 Datasheet HTML 7Page - CT Micro International Corporation CT3052VT2 Datasheet HTML 8Page - CT Micro International Corporation CT3052VT2 Datasheet HTML 9Page - CT Micro International Corporation CT3052VT2 Datasheet HTML 10Page - CT Micro International Corporation CT3052VT2 Datasheet HTML 11Page - CT Micro International Corporation CT3052VT2 Datasheet HTML 12Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 12
Jul, 2014
CT3051, CT3052, CT3053
600V Random Phase 6-Pin Phototriac Optocoupler
DISCLAIMER
CT MICRO RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS
HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. CT MICRO DOES NOT ASSUME ANY LIABILITY
ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
______________________________________________________________________________________
DISCOLORATION MIGHT OCCUR ON THE PACKAGE SURFACE AFTER SOLDERING, REFLOW OR LONG
TERM USE. THIS DOES NOT IMPACT THE PRODUCT PERFORMANCE NOR THE PRODUCT RELIABILITY.
CT MICRO ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR
SYSTEMS WITHOUT EXPRESS WRITTEN APPROVAL OF CT MICRO INTERNATIONAL CORPORATION.
1.
Life support devices or systems are devices or
systems which, (a) are intended for surgical
implant into the body, or (b) support or sustain life,
or (c) whose failure to perform when properly used
in accordance with instruction for use provided in
the labelling, can be reasonably expected to result
in significant injury to the user.
2.
A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12