| データシートサーチシステム |
|
CT3082VST1 データシート(PDF) 3 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CT3082VST1 データシート(HTML) 3 Page - CT Micro International Corporation |
|
3 / 12 page ![]() CT Micro Rev 1 Proprietary & Confidential Page 3 Jul, 2014 CT3061, CT3062, CT3063 CT3081, CT3082, CT3083 600V/800V Zero Cross 6-Pin Phototriac Optocoupler Electrical Characteristics T A = 25°C (unless otherwise specified) Emitter Characteristics Symbol Parameters Test Conditions Min Typ Max Units Notes VF Forward voltage IF=10mA - - 1.5 V IR Reverse Current VR = 6V - - 5 µ A CIN Input Capacitance f= 1MHz - 45 - pF Detector Characteristics Symbol Parameters Test Conditions Min Typ Max Units Notes IDRM1 Peak Blocking Current CT3061,62,63 CT3081,82,83 IF= 0mA, VDRM= Rated VDRM - - 500 nA IDRM2 Inhibit Leakage Current IF= Rated IFT, VDRM= Rated VDRM - - 500 µ A VINH Inhibit Voltage IF= Rated IFT, - - 20 V VTM Peak On-State Voltage IF= Rated IFT, ITM= 100mA - - 3 V dv/dt Critical Rate of Rise off-State Voltage CT3061,62,63 VPEAK= Rated VDRM 1000 - - V/µs CT3081,82,83 600 - - Transfer Characteristics Symbol Parameters Test Conditions Min Typ Max Units Notes IFT Input Trigger Current CT3061, CT3081 Terminal Voltage = 3V ITM=100mA - - 15 mA CT3062, CT3082 - - 10 CT3063, CT3083 - - 5 IH Holding Current - 380 - µ A RIO Isolation Resistance VIO= 500VDC 1x1011 - - CIO Isolation Capacitance f= 1MHz - 0.25 - pF |