| データシートサーチシステム |
|
CT4504ST2 データシート(PDF) 11 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CT4504ST2 データシート(HTML) 11 Page - CT Micro International Corporation |
|
11 / 14 page ![]() CT Micro Rev 2 Proprietary & Confidential Page 11 Jul, 2015 CT4504 High CMR, 1Mbit/s High Speed Optocoupler Ordering Information CT4504(V)(Y)(Z) V = VDE option (V or None) Y = Lead form option (S, SL, M or none) Z = Tape and reel option (T1, T2 or none) Option Description Quantity None Standard 8 Pin Dip 40 Units/Tube M Gullwing (400mil) Lead Forming 40 Units/Tube S(T1) Surface Mount Lead Forming – With Option 1 Taping 1000 Units/Reel S(T2) Surface Mount Lead Forming – With Option 2 Taping 1000 Units/Reel SL(T1) Surface Mount (Low Profile) Lead Forming– With Option 1 Taping 1000 Units/Reel SL(T2) Surface Mount (Low Profile) Lead Forming– With Option 2 Taping 1000 Units/Reel |